Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 144 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 144 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 140Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 141Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 142Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 143Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 144Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 145Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 146Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 147Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 148Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 242 page
background image
Performance Tests
Performance Verification
616
Procedure:
1. Connect, through a 50 W precision coaxialcable and a 50 W termination,
the timemark output of a timemarker generator to CH 1, as shown in
Figure 67. Set the output of the generator for 10 ms markers.
TimeMark
Generator
Output
50 W Termination
Figure 67:Hookup for Sample Rate Check
2. Press SAVE/RECALL SETUP ! Recall Factory Setup ! OK Confirm
Factory Init.
3. Set the VOLTS/DIV to 500 mV.
4. Press SET LEVEL TO 50%; use the verticalPOSITION knob to center the
test signalon screen.
5. Set the SEC/DIV to 1 ms.
6. Press HORIZONTAL MENU ! Trigger Position ! Set to 10%.
7. Adjust the horizontalPOSITION to move the trigger T to the right and on
to the screen. Continue to position the trigger T to align it to the center
vertical graticule line.
8. Press the main menu button Time Base; then press the side menu button
DelayedOnly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com