Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 147 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 147 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 143Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 144Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 145Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 146Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 147Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 148Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 149Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 150Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 151Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 242 page
background image
Performance Tests
TDS 310, TDS 320 & TDS 350 Instruction Manual
619
First, set a signal with an
amplitude at the minimum
trigger sensitivity.
Second, check for a stable
trigger at both the positive
and negative slope settings.
Figure 69:Measuring Trigger Sensitivity
16. Press WAVEFORM OFF.
17. Press CH 2.
18. Press TRIGGER MENU ! Source ! Ch2.
19. Disconnect the hookup from CH 1 and connect it to CH 2.
20. Set the VOLTS/DIV to 500 mV.
21. Repeat steps 14 and 15 for Channel 2.
22. Press TRIGGER MENU ! Source ! EXT/10.
23. Press MEASURE ! Select Measrmnt ! Amplitude.
24. Increase the generator amplitude until the amplitude measurement reads
1.5 V.
25. Repeat steps 14 and 15 for the external trigger.
26. Disconnect the test hookup.
Trigger Level Accuracy, DC Coupled
Trigger level accuracy is verified by the successful completion of the Self
Tests and the DC voltage measurement accuracy procedure on page 611.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com