Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 146 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 146 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 142Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 143Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 144Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 145Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 146Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 147Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 148Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 149Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 150Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 242 page
background image
Performance Tests
Performance Verification
618
7. Connect the BNC T connector to CH 1; connect the cable to the
EXT TRIG input through a 50 W termination as shown in Figure 68.
Medium
Frequency
Sine Wave
Generator
Output
To Ext Trigger
50 W Termination
Figure 68:Hookup for Trigger Sensitivity Check
8. Set the generator frequency to 50 MHz (TDS 310), 100 MHz (TDS 320), or
200 MHz (TDS 350).
9. Press MEASURE ! HighLow Setup ! MinMax.
10. Press the main menu button Select Measurement.
11. Press the side menu button -more- until Amplitude appears in the side
menu. Press the side menu button Amplitude.
12. Press SET LEVEL TO 50%.
13. Set the test signal amplitude for about one division on screen. Fine adjust
the generator output until the CH 1 Amplitude readout indicates the
amplitude is 500 mV. (Readout may fluctuate around 500mV.)
14. Press TRIGGER MENU ! Slope.
15. Press SET LEVEL TO 50%. Check that a stable trigger is obtained for the
test waveform on both the positive and negative slopes (see Figure 69).
(Use the side menu to switch between trigger slopes; use the trigger
LEVEL knobto stabilize the trigger if required.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com