Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 143 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 143 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 139Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 140Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 141Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 142Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 143Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 144Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 145Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 146Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 147Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 242 page
background image
Performance Tests
TDS 310, TDS 320 & TDS 350 Instruction Manual
615
Second, read the results
from the readout of
measurement PkPk.
First, increase the reference
frequency to the test
frequency; then decrease
the horizontal scale.
Figure 66:Measuring Analog Bandwidth
14. When finished checking, set the SEC/DIV back to the 10 ms setting, and
set the generator output frequency back to 50 kHz.
15. Press WAVEFORM OFF to remove Channel 1 from the display.
16. Press CH 2 and move the hookup to the CH 2 input.
17. Press TRIGGER MENU ! Source ! CH 2.
18. Repeat steps 6 through 13 for CH 2.
19. Disconnect the test hook up from the CH 2 input connector.
This procedure checks those characteristics that relate to the Main and
Delayed time base system and are listed as checked under Warranted Char
acteristics in the Specifications section.
Check Long Term Sample Rate and Delay Time Accuracy
Equipment Required: One timemarker generator (Item 8), one precision
coaxial cable, (Item 2) and one 50 W termination (Item 1).
Time Required: Approximately 5 minutes.
Prerequisites: See page 611.
Time Base System
Checks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com