Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 141 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 141 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 137Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 138Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 139Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 140Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 141Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 142Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 143Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 144Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 145Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 242 page
background image
Performance Tests
TDS 310, TDS 320 & TDS 350 Instruction Manual
613
9. Turn the General Purpose Knob to set the vertical position to the setting
listed in Table 62. The baseline level moves off screen.
10. Press the main menu button Offset.
11. Use the General Purpose Knob to set vertical offset to the setting listed
in Table 62 for the present vertical scale setting. The baseline level
remains off screen.
12. Set the generator to the level and polarity indicated in Table62 for the
vertical scale, position, and offset settings you have made. The DC test
level should appear on screen. (If it does not return, the DC accuracy
check has failed for the present vertical scale setting of the current chan
nel.)
13. Check that the readout for the measurement Mean readout on screen is
within the limits listed for the present vertical scale and position/offset/
generator settings.
14. Repeat steps 7 through 13 until you have checked all the vertical scale
settings listed in Table 62. Record the measurements for each of the
50 mV settings.
15. Subtract the second 50 mV measurement from the first and compare the
result to the n at 50 mV" limits in Table 62.
16. Press WAVEFORM OFF; then, press CH 2.
17. Set the generator output to 0 V.
18. Move the test hookup to the CH 2 input.
19. Repeat steps 5 through 15 for channel 2.
20. Set the generator output to 0 V.
21. Disconnect the cable at the CH 2 input connector.
DC Gain Accuracy
DC gain accuracy is verified by successful completion of the self tests and the
DC voltage measurement accuracy (in the previous procedure).
Offset Accuracy
Offset accuracy is verified by successful completion of the Self Tests and the
DC voltage measurement accuracy (in the previous procedure).
Check Analog Bandwidth
Equipment Required: One mediumfrequency leveled sine wave generator
(Item 7), one 50 W precision cable (Item 2), and one 50 W termination
(Item1).
Time Required: Approximately 20 minutes.
Prerequisites: See page 611.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com