Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 140 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 140 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 136Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 137Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 138Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 139Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 140Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 141Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 142Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 143Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 144Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 242 page
background image
Performance Tests
Performance Verification
612
2. Connect the output of a DC calibration generator through a dualbanana
connector followedby a 50 W precision coaxial cable to CH 1, as shown
in Figure 64.
HI
LO
Output Sense
DC Calibrator
Coaxial Cable
Dual Banana to
BNC Adapter
Figure 64:Hookup for DC Voltage Measurement Accuracy Check
3. Press SAVE/RECALL SETUP ! Recall Factory Setup ! OK Confirm
Factory Init.
4. Press ACQUIRE ! Mode ! Average 16.
5. Press MEASURE ! Select Measurement.
6. Press the side menu button more until the menu label Mean appears in
the side menu. Press the side menu button Mean.
7. Set the VOLTS/DIV to one of the settings listedin Table 62 that you have
not yet checked. (Start with the first setting listed.)
8. Press VERTICAL MENU ! Position.
Table62:DC Accuracy
Scale
Setting
Position
Setting
(Divs)
Offset
Setting
Generator
Setting
Accuracy
Limits
1V
+5
+100 V
+98 V
+97.1 V to +98.9 V
200mV
+5
+10 V
+8.4 V
+8.28 V to +8.52 V
50mV
-5
-1 V
-0.6 V
-581 mV to -619 mV
50mV
-5
-1 V
-0.9 V
-881 mV to -919 mV
n at
50mV
+286 mV to +314 mV
10mV
-5
0V
+60 mV
+54.6 mV to +65.4 mV
5mV
0
-1 V
-990 mV
-982 mV to -998 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com