Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 160 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 160 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 156Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 157Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 158Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 159Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 160Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 161Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 162Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 163Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 164Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 242 page
background image
Inspection and Cleaning
Maintenance
82
8. Avoid handling modules in areas that have a floor or work surface cover
ing capable of generating a static charge.
9. Do not use highvelocity compressed air when cleaning dust from mod
ules.
The cabinet helps keep dust out of the oscilloscope and it is a majorcompo
nent of its cooling system. It should normally be in place when operating the
oscilloscope. The optional oscilloscope front cover protects the front panel
and display from dust and damage. Install it when storing or transporting the
oscilloscope.
Inspect and clean the oscilloscope as often as operating conditions require.
The collection of dirt on components inside can cause them to overheat and
breakdown. (Dirt acts as an insulating blanket, preventing efficient heat
dissipation.) Dirt also provides an electrical conduction path that could cause
an oscilloscope failure, especially under highhumidity conditions.
CAUTION
Avoid the use of chemical cleaning agents that might damage the
plastics used in this oscilloscope. Use only deionized water when
cleaning the menu buttons or front panel buttons. Use a 75% isopro
pyl alcohol solution as a cleaner and rinse with deionized water. Be
fore using any other type of cleaner, consult your Tektronix Service
Center or representative.
Avoid the use of high pressure compressed air when cleaning dust
from the interior of this instrument. (High pressure air can cause
ESD.) Instead, use low pressure compressed air (about 9 psi).
Inspection
Exterior
Using Table 81 as a guide, inspect the outside of the oscilloscope fordam
age, wear, and missing parts. You should thoroughly check oscilloscopes that
appear to have been dropped or otherwise abused to verify correct operation
and performance. Immediately repair defects that could cause personal injury
orlead to furtherdamage to the oscilloscope.
General Care
Inspection and
Cleaning Procedures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com