Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 162 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 162 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 158Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 159Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 160Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 161Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 162Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 163Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 164Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 165Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 166Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 242 page
background image
Inspection and Cleaning
Maintenance
84
CAUTION
To prevent damage from electrical arcing, ensure that circuit boards
and components are dry before applying power to the oscilloscope.
Table82:Internal Inspection Check List
Item
Inspect For
Repair Action
Circuit boards
Loose, broken, or corroded solder con
nections. Burned circuit boards. Burned,
broken, or cracked circuit run plating.
Resistors
Burned, cracked, broken, or blistered
condition.
Solder connections
Cold solder or rosin joints.
Resolder joint and clean with isopropyl
alcohol.
Capacitors
Damaged or leaking cases. Corroded sol
der on leads or terminals.
Wiring and cables
Loose plugs or connectors. Burned, bro
ken, or frayed wiring.
Firmly seat connectors. Repair or replace
modules with defective wires or cables.
Chassis
Dents and deformations
Straighten, repair, or replace chassis.
Cleaning Procedure
Interior
If, after doing steps 1 and 2, a module is clean upon inspection, skip
the remaining steps.
1. Blow off dust with dry, lowpressure, deionized air (approximately 9 psi).
2. Remove any remaining dust with a lint free cloth dampened in isopropyl
alcohol (75% solution) and rinse with warm deionized water. (A cotton
tipped applicator is useful for cleaning in narrow spaces and on circuit
boards.)
NOTE
If steps 1 and 2 do not remove all the dust or dirt, the oscilloscope
may be spray washed using a solution of 75% isopropyl alcohol by
doing steps 3 through 7.
3. Gain access to the parts to be cleaned by removing easily accessible
shields and panels (see Removal and Replacement Procedures).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com