Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 173 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 173 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 169Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 170Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 171Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 172Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 173Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 174Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 175Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 176Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 177Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 242 page
background image
Removal and Replacement
TDS 310, TDS 320 & TDS 350 Instruction Manual
815
1. Have handy a wooden spudger (Item 8).
2. Set the oscilloscope so its rear is down on the work surface and its
bottom is facing you.
DO NOT touch the carbon contact points on the menu elastomer
installedin the trim ring. Also, do not touch the contacts on the menu
button flex circuit exposedwhen you remove the trim ring. You
shouldwear clean cloth gloves that are free of lint when handling the
menu elastomer or when touching the menu button flex circuit
mountedon the front chassis.
3. Grasp the trim ring by its top edge, pry it up, andlift it forwardto snap it
off the top front of the main chassis (see Figure 86).
Trim Ring: Toremove, grasp its back edge
and press up on its two tab locks. Flex the
trim ring upward; then pull it forward.
Repeat for the bottom edge of the trim ring.
Menu Elastomer
Menu Button (17)
Trim Ring
Tab Lock
Figure 86:Trim Ring, Menu Elastomer, and Menu Buttons Removal
4. Repeat the process, prying on the bottom edge of the trim ring to com
plete its removal. Lay the trim ring on its face on the work surface.
5. If you are servicing the front EMI gaskets, discardthe oldones.
6. If you are servicing the menu elastomer, lift it out of the trim ring.
7. If you are servicing the menu buttons, lift them out of the trim ring.
Trim Ring, Menu
Elastomer, Menu
Buttons, and Front
EMI Gaskets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com