Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 174 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 174 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 170Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 171Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 172Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 173Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 174Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 175Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 176Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 177Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 178Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 242 page
background image
Removal and Replacement
Maintenance
816
8. Reinstallation:
a. Insert each button into its hole in the trim ring.
b. Align the menu elastomer over the menu button holes in the trim ring
and press it in to install. Avoid touching the carbon contact points on
the elastomer when installing.
c. Without installing the EMI gaskets, align the trim ring to the front of
the chassis and push it on to seat. Be sure that both pairs of flex
locks, one pair each at the inside top and bottom of the trim ring,
snap over the edge of the chassis.
d. Lay the oscilloscope so its front cover is on the work surface.
e. Align an EMI gasket so it lies between any pair of adjacent flex locks
along the groove between the cabinet.
f. Using a wood spudger, push the EMI gasket until it is firmly seated at
the bottom of the groove (see Figure 87). It should not overlap either
flex lock.
g. Repeat the process just described to install the remaining three
gaskets.
Spudger
EMI Gaskets (4)
Figure 87:EMI Gasket Removal and Installation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com