Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 178 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 178 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 174Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 175Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 176Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 177Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 178Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 179Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 180Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 181Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 182Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 242 page
background image
Removal and Replacement
Maintenance
820
1. Have handy a screwdriver with a size T 15 Torx
R tip (Items 1 and 2).
2. Set the oscilloscope so its top is down on the work surface, with its front
facing you.
WARNING
To avoid injury: Use care when handling a monitor. If you break its
display tube it may implode, scattering glass fragments with high
velocity and possibly injuring you. Wear protective clothing,
including safety glasses (preferably a fullface shield). Avoid striking
the display tube with or against any object.
To avoid damaging the monitor: Store the monitor with its display
tube face down in a protected location, placing it on a soft,
nonabrasive surface to prevent scratching the face plate.
3. Take the precautions outlined in the WARNING above. Refer to Fig
ure 810 while doing the following steps.
4. Unplug the main board/power supply cable.
5. Remove the three T 15 Torx
R screws securing the monitor assembly to
the bottom ofthe main chassis. Rotate the oscilloscope so its bottom is
down on the work surface.
WARNING
To avoid injury or death, do not unplug the anode from the monitor
when removing or replacing the monitor module.
6. Remove the three T 15 Torx® screws securing the monitor assembly to
the top ofthe chassis. (See Figure 810 to locate the screws.)
7. Push up on the left top tab lock on the trim ring and pull the left corner of
the trim ring forward slightly.
8. Tilt the rear ofthe monitor assembly upward slightly. Slide the monitor
assembly back in the main chassis until it stops (about 2 cm). Now lift it
straight up out ofthe top ofthe main chassis to complete the removal.
9. While heeding the WARNING on monitor handling that immediately
precedes step 3 ofthis monitor removal procedure, store the monitor
assembly in a protected location. Place it face down on a soft, nonabra
sive surface to prevent scratching the face plate.
10. Reinstallation: perform steps 8 through 5 in reverse order to reinstall the
monitor assembly.
Monitor Assembly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com