Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 195 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 195 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 191Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 192Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 193Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 194Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 195Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 196Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 197Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 198Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 199Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 242 page
background image
Troubleshooting
TDS 310, TDS 320 & TDS 350 Instruction Manual
837
Table84:Power Supply Secondary Voltages
Location (See Figure 825)
Minimum
Maximum
J1 pin 2
+8.38 V
+8.82 V
J1 pins 5 and 6
+4.87 V
+5.13 V
J1 pin 8
+4.87 V
+5.13 V
J1 pin 10
-8.38 V
-8.82 V
J1 pin 11
-4.87 V
-5.13 V
J1 pin 13, ON
+0.991 V
+1.137 V
J1 pin 13, STBY
+1.272 V
+1.406 V
J2 pin 1
+13.80 V
+15.75 V
J3 pin 1, fan connected
+10.20 V
+13.80 V
J3 pin 1, fan disconnected
+13.80 V
+15.75 V
J4 pin 1
+13.80 V
+15.75 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com