Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 199 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 199 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 195Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 196Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 197Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 198Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 199Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 200Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 201Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 202Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 203Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 242 page
background image
TDS 310, TDS 320 & TDS 350 Instruction Manual
841
Repackaging Instructions
If you ship the oscilloscope, pack it in the original shipping carton and pack
ing material. If the original packing material is not available, package the
instrument as follows:
1. Obtain a corrugated cardboard shipping carton with inside dimensions at
least 15cm (6in) taller, wider, and deeper than the oscilloscope. The
shipping carton must be constructed of cardboard with 170 kg
(375 pound) test strength.
2. If you are shipping the oscilloscope to a Tektronix field office for repair,
attach a tag to the oscilloscope showing the instrument owner and ad
dress, the name of the person to contact about the instrument, the instru
ment type, and the serialnumber.
3. Wrap the oscilloscope with polyethylene sheeting or equivalent material
to protect the finish.
4. Cushion the oscilloscope in the shipping carton by tightly packing dun
nage or urethane foam on all sides between the carton and the oscillo
scope. Allow 7.5cm (3in) on all sides, top, and bottom.
5. Sealthe shipping carton with shipping tape or an industrialstapler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com