Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 214 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 214 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 210Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 211Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 212Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 213Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 214Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 215Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 216Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 217Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 218Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 242 page
background image
Replaceable Parts
MechanicalParts List
114
Fig. &
Index
No.
Tektronix
Part No.
SerialNo.
Effective Dscont
Qty
12345
Name & Description
Mfr.
Code
Mfr. Part No.
11-1-1 334-8202-0
0
1
MARKER,IDENT:MKD HANDLE
80009
334820200
-2
390-1109-0
0
1
CABINET,SCOPE:ALUMINUM,TEK BLUE
TK1935 ORDER BY DESC
-3
367-0289-0
2
1
HANDLE,CARRYING:13.855,DTT
80009
367028902
-4
212-0144-0
0
2
SCREW,TPG,TF:8-16 X 0.562 L,PLASTITE
0KB01
ORDER BY DESC
-5
348-0659-0
0
2
FOOT,CABINET:BLACK POLYURETHANE
0JR05
ORDER BY DESC
-6
-------
-
1
CABINET,SCOPE:ALUMINUM,TEK BLUE
(P/O 390-1109-XX ASSEMBLY)
-7
348-0764-0
4
1
SHLD GSKT,ELEK:0.125 X 0.188,WIRE MESH
18565
ORDER BY DESC
-8
334-8324-0
0
1
MARKER,IDENT:MKD REAR PWR SPLY,WARNING 80009
334832400
-9
334-8322-0
1
334-8322-0
0
334-8322-0
1
334-8322-0
0
334-8718-0
0
334-8718-0
0
B010100
B020100
B010100
B030100
B020100
B030100
B020099
B030099
1
1
1
1
1
MARKER,IDENT:MKD OPTION
(TDS310/350 ONLY--OPTION 02 ONLY)
MARKER,IDENT:MKD OPTION
(TDS310/350 ONLY--OPTION 02 ONLY)
MARKER,IDENT:MKD OPTION
(TDS320 ONLY--OPTION 02 ONLY)
MARKER,IDENT:MKD OPTION
(TDS320 ONLY--OPTION 02 ONLY)
MARKER,IDENT:MKD OPTION
(TDS310/350 ONLY-OPTION 14 ONLY)
MARKER,IDENT:MKD OPTION
(TDS310/350 ONLY-OPTION 14 ONLY)
80009
80009
80009
80009
80009
80009
334832201
334832200
334832201
334832200
334871800
334871800
-10
161-0230-0
1
1
CABLE ASSY,PWR,:3,18 AWG,92 L,SVT,TAN
(STANDARD ACCESSORY)
TK2432 ORDER BY DESC
-11
343-1213-0
0
1
CLAMP,PWR CORD:POLYMIDE
TK1163 ORDER BY DESC
-12
211-0691-0
0
4
SCREW,MACHINE:6-32 X 0.625,PNH,STL
0KB01
ORDER BY DESC
-13
200-3971-0
4
200-3971-0
5
200-3971-0
4
200-3971-0
5
B010100
B020100
B010100
B030100
B020099
B030099
1
1
1
1
COVER,REAR:W/FEET AND LABELS
(TDS310/350 ONLY)
COVER,REAR:W/FEET AND LABELS
(TDS310/350 ONLY)
COVER,REAR:W/FEET AND LABELS
(TDS320 ONLY)
COVER,REAR:W/FEET AND LABELS
(TDS320 ONLY)
80009
80009
80009
80009
200397104
200397105
200397104
200397105
-14
211-0730-0
0
1
SCR,ASSEM WSHR:6-32 X 0.375,PNH,STL CD
PL
0KB01
ORDER BY DESC
-15
174-2598-0
0
1
CA ASSY,SP,ELEC:FRONT PANEL
80009
174259800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com