Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 218 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 218 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 214Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 215Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 216Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 217Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 218Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 219Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 220Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 221Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 222Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 242 page
background image
Replaceable Parts
MechanicalParts List
118
Fig. &
Index
No.
Tektronix
Part No.
SerialNo.
Effective Dscont
Qty
12345
Name & Description
Mfr.
Code
Mfr. Part No.
11-2-1
426-2436-0
0
426-2436-0
1
426-2436-0
0
426-2436-0
1
B010100
B020100
B010100
B030100
B020099
B030099
1
1
1
1
FRAME,CRT FLTR:POLYCARBONATE
(TDS310/350 ONLY)
FRAME,CRT FLTR:POLYCARBONATE
(TDS310/350 ONLY)
FRAME,CRT FLTR:POLYCARBONATE
(TDS320 ONLY)
FRAME,CRT FLTR:POLYCARBONATE
(TDS320 ONLY)
TK1163
TK1163
TK1163
TK1163
ORDER BY DESC
ORDER BY DESC
ORDER BY DESC
ORDER BY DESC
-2
213-0882-0
0
13
SCREW,TPG,TR:6-32 X 0.437 TAPTITE,PNH,STL0KB01
ORDER BY DESC
-3
640-0079-0
1
1
DISPLAY MODULE:7 INCH,480X 640 PIXEL
80009
640007901
-4
426-2426-0
0
1
FRAME,FAN MTG:POLYCARBONATE
80009
426242600
-5
119-1770-0
4
1
FAN ASSEMBLY:12VDC,1.72W,35CFM W/CONN
S4246
CUDC12D4
-6
119-5029-0
1
119-5029-0
2
119-5029-0
1
119-5029-0
2
B010100
B020100
B010100
B030100
B020099
B030099
1
1
1
1
POWER SUPPLY:IN 90-280 VAC,45-440HZ,100W
(TDS310/350 ONLY)
POWER SUPPLY:IN 90-280 VAC,45-440HZ,100W
(TDS310/350 ONLY)
POWER SUPPLY:IN 90-280 VAC,45-440HZ,100W
(TDS320 ONLY)
POWER SUPPLY:IN 90-280 VAC,45-440HZ,100W
(TDS320 ONLY)
TK2430
TK2430
TK2430
TK2430
119-5029-01
119-5029-02
119-5029-01
119-5029-02
-7
159-0190-0
0
159-0277-0
0
1
1
FUSE,CARTRIDGE:5X20MM,3.5A,250V,50MS
FUSE,CARTRIDGE:5X20MM,3A,250V,5SEC
TK0946
80009
EQ-3.5A
159027700
-8
210-0457-0
0
1
NUT,PL,ASSEM WA:6-32 X 0.312,STL CD PL
TK0435 ORDER BY DESC
-9
441-1982-0
0
1
CHASSIS ASSY:ALUMINUM
80009
441198200
-10
210-0056-0
0
2
WASHER,LOCK:#10 SPLIT,0.047 THK,SI BRZ NP
86928
ORDER BY DESC
-11
213-1079-0
0
4
JACKSCREW:4-40 X 0.120 INT THD,4-40 X EXT
00779
745563-2
-12
213-1061-0
0
2
JACKSCREW:GPIB;MALE 6-32 THD 0.32 L
00779
554043-3
-13
407-4196-0
0
407-4293-0
0
407-4293-0
0
B020100
B030100
1
1
1
BRACKET,STD:ALUMINUM
(STANDARD)
BRKT,OPTION:0.050 ALALLOY
(TDS310/350 ONLY-OPTION 14 ONLY)
BRKT,OPTION:0.050 ALALLOY
(TDS320 ONLY-OPTION 14 ONLY)
80009
80009
80009
407419600
407429300
407429300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com