Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 222 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 222 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 218Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 219Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 220Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 221Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 222Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 223Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 224Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 225Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 226Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 242 page
background image
Replaceable Parts
Mechanical Parts List
1112
Fig. &
Index
No.
Tektronix
Part No.
Serial No.
Effective Dscont
Qty
12345
Name & Description
Mfr.
Code
Mfr. Part No.
STANDARD ACCESSORIES
11-3-1 161-0104-0
5
1
CABLE ASSY,PWR,:3,18 AWG,240V,98.0 L,
(OPTION A3-AUSTRALIAN)
S3109
SAA/3-OD3CCFC3X
-2
161-0104-0
6
1
CABLE ASSY,PWR,:3 X 0.75MM SQ,220V,98.0 L
(OPTION A1-EUROPEAN)
S3109
VIIGSOPO-HO5VVF
-3
161-0104-0
7
1
CABLE ASSY,PWR,:3,1.0MM SQ,240 VOLT,2.5 M
(OPTION A2-UNITED KINGDOM)
S3109
ORDER BY DESC
-4
161-0104-0
8
1
CABLE ASSY,PWR,:3,18 AWG,98 L,SVT,GREY/BLK
(OPTION A4-NORTH AMERICAN)
S3109
ORDER BY DESC
-5
161-0167-0
0
1
CABLE ASSY,PWR,:3.0 X 0.75,6A,240V,2.5M L
(OPTION A5-SWITZERLAND)
S3109
ORDER BY DESC
-------
-
1
CABLE ASSY,PWR,:3,18 AWG,92 L,SVT,TAN
(STANDARD, SEE FIGURE 11-1-10)
-------
-
1
ACCY PKG:(2) P6109B 2M PROBES W/ACCY
(TDS310/320 ONLY)
-------
-
1
ACCY PKG:(2) P6111B PASSIVE PROBES
W/ACCY
(TDS350 ONLY)
070-8568-0
4
1
MANUAL,TECH:INSTRUCTION
80009
070856804
070-8569-0
3
1
MANUAL,TECH:QUICK REF CARD
80009
070856903
070-8690-0
1
1
MANUAL,TECH:USER,XYZ OF OSCILLOSCOPE
80009
070869001
1
2
3
4
5
Figure 113:Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com