Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 67Page - STMicroelectronics ST7FOXF1 Datasheet HTML 68Page - STMicroelectronics ST7FOXF1 Datasheet HTML 69Page - STMicroelectronics ST7FOXF1 Datasheet HTML 70Page - STMicroelectronics ST7FOXF1 Datasheet HTML 71Page - STMicroelectronics ST7FOXF1 Datasheet HTML 72Page - STMicroelectronics ST7FOXF1 Datasheet HTML 73Page - STMicroelectronics ST7FOXF1 Datasheet HTML 74Page - STMicroelectronics ST7FOXF1 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
Power saving modes
71/226
8.5.3
AWUFH prescaler register (AWUPR)
Reset value: 1111 1111 (FFh)
Bits 7:0= AWUPR[7:0] Auto wakeup Prescaler
These 8 bits define the AWUPR Dividing factor (see Table 21).
In AWU mode, the time during which the MCU stays in Halt mode, tAWU, is given by the
equation below. See also Figure 30 on page 68.
The AWUPR prescaler register can be programmed to modify the time during which the
MCU stays in Halt mode before waking up automatically.
Note:
If 00h is written to AWUPR, the AWUPR remains unchanged.
7
0
AWUPR7
AWUPR6
AWUPR5
AWUPR4
AWUPR3
AWUPR2
AWUPR1
AWUPR0
Read/Write
Table 21.
Configuring the dividing factor
AWUPR[7:0]
Dividing factor
00h
Forbidden
01h
1
...
...
FEh
254
FFh
255
t
AWU
64
AWUPR
×
1
f
AWURC
--------------------
×
t
RCSTRT
+
=
Table 22.
AWU register mapping and reset values
Address
(Hex.)
Register
label
7
6543
210
0048h
AWUCSR
Reset
Value
0
0000
AWUF
AWUM
AWUEN
0049h
AWUPR
Reset
Value
AWUPR7
1
AWUPR6
1
AWUPR5
1
AWUPR4
1
AWUPR3
1
AWUPR2
1
AWUPR1
1
AWUPR0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com