Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 46Page - STMicroelectronics ST7FOXF1 Datasheet HTML 47Page - STMicroelectronics ST7FOXF1 Datasheet HTML 48Page - STMicroelectronics ST7FOXF1 Datasheet HTML 49Page - STMicroelectronics ST7FOXF1 Datasheet HTML 50Page - STMicroelectronics ST7FOXF1 Datasheet HTML 51Page - STMicroelectronics ST7FOXF1 Datasheet HTML 52Page - STMicroelectronics ST7FOXF1 Datasheet HTML 53Page - STMicroelectronics ST7FOXF1 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 226 page
background image
Supply, reset and clock management
ST7FOXF1, ST7FOXK1, ST7FOXK2
50/226
Bit 2 = RC_FLAG RC Selection bit
This bit is set and cleared by hardware.
0: No switch from RC to AWU requested
1: RC clock activated and temporization completed
Bit 1 = Reserved, must be kept cleared.
Bit 0 = RC/AWU RC/AWU Selection bit
0: RC enabled
1: AWU enabled (default value)
Table 12.
Clock register mapping and reset values
Addre
ss
(Hex.)
Register
label
76
5
4
3
2
1
0
0035h
RCC_CSR
-
0
-
0
-
0
-
0
-
0
-
0
RCCLAT
0
RCCPGM
0
003Ah
MCCSR
Reset Value
-
0
-
0
-
0
-
0
-
0
-
0
MCO
0
SMS
0
003Bh
RCCRH
Reset Value
CR9
1
CR8
1
CR7
1
CR6
1
CR5
1
CR4
1
CR3
1
CR2
1
003Ch
RCCRL
Reset Value
-
0
CR1
1
CR0
1
WDGRF
0
-
0
LVDRF
x
-
0
-
0
003Dh
PSCR
Reset Value
CK2
0
CK1
0
CK0
0
-
0
-
0
-
0
-
0 or 1
-
0 or 1
0051h
CKCNTCSR
Reset Value
-
0
-
0
-
0
-
0
AWU_
FLAG
1
RC_FLA
G
0
-
0
RC/AWU
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com