Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 85Page - STMicroelectronics ST7FOXF1 Datasheet HTML 86Page - STMicroelectronics ST7FOXF1 Datasheet HTML 87Page - STMicroelectronics ST7FOXF1 Datasheet HTML 88Page - STMicroelectronics ST7FOXF1 Datasheet HTML 89Page - STMicroelectronics ST7FOXF1 Datasheet HTML 90Page - STMicroelectronics ST7FOXF1 Datasheet HTML 91Page - STMicroelectronics ST7FOXF1 Datasheet HTML 92Page - STMicroelectronics ST7FOXF1 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
On-chip peripherals
89/226
Figure 42.
ST7FOXK2 Block diagram of break function
Output compare mode
To use this function, load a 12-bit value in the Preload DCRxH and DCRxL registers.
When the 12-bit upcounter CNTR1 reaches the value stored in the Active DCRxH and
DCRxL registers, the CMPFx bit in the PWMxCSR register is set and an interrupt request is
generated if the CMPIE bit is set.
In Single Timer mode the output compare function is performed only on CNTR1. The
difference between both the modes is that, in Single Timer mode, CNTR1 can be compared
with any of the four DCR registers, and in Dual Timer mode, CNTR1 is compared with DCR0
or DCR1 and CNTR2 is compared with DCR2 or DCR3.
Note:
1
The output compare function is only available for DCRx values other than 0 (reset value).
2
Duty cycle registers are buffered internally. The CPU writes in Preload Duty Cycle registers
and these values are transferred in Active Duty Cycle registers after an overflow event if the
corresponding transfer bit (TRANx bit) is set. Output compare is done by comparing these
active DCRx values with the counters.
PWM0
PWM1
PWM2
PWM3
PWM0
PWM1
PWM2
PWM3
BREAKCR1 register
BREAK1 pin
(Inverters)
PWM0
PWM1
PWM2
PWM3
BP1EN
BA1
Level
Selection
BR1SEL
ENCNTR2 bit
BREN1 bit
PWM0/1 Break Enable
PWM2/3 Break Enable
OEx
BR1EDGE
Comparator1
BREAKCR2 register
SWBR1
SWBR2
-
-
BP2EN
BA2
BR2SEL BR2EDGE
BREAK2 pin
Comparator2
Level
Selection
0
0
1
1
BREN2 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com