Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7FOXF1 Datasheet HTML 1Page - STMicroelectronics ST7FOXF1 Datasheet HTML 2Page - STMicroelectronics ST7FOXF1 Datasheet HTML 3Page - STMicroelectronics ST7FOXF1 Datasheet HTML 4Page - STMicroelectronics ST7FOXF1 Datasheet HTML 5Page - STMicroelectronics ST7FOXF1 Datasheet HTML 6Page - STMicroelectronics ST7FOXF1 Datasheet HTML 7Page - STMicroelectronics ST7FOXF1 Datasheet HTML 8Page - STMicroelectronics ST7FOXF1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 226 page
background image
February 2008
Rev 4
1/226
1
ST7FOXF1, ST7FOXK1, ST7FOXK2
8-bit MCU with single voltage Flash memory,
SPI, I²C, ADC, timers
Features
Memories
– 4 to 8 Kbytes single voltage extended Flash
(XFlash) Program memory with
Read-Out Protection
In-Circuit Programming and In-Application
programming (ICP and IAP)
Endurance: 1K write/erase cycles
guaranteed
Data retention: 20 years at 55 °C
– 384 bytes RAM
Clock, Reset and Supply Management
– Low voltage supervisor (LVD) for safe
power-on/off
– Clock sources: Internal trimmable 8 MHz
RC oscillator, auto wakeup internal low
power - low frequency oscillator,
crystal/ceramic resonator or external clock
– External reset source and watchdog reset
– Five power saving modes: Halt, Active-Halt,
Auto Wakeup from Halt, Wait and Slow
I/O Ports
– Up to 24 multifunctional bidirectional I/Os
– Up to 8 high sink outputs
6 timers
– Configurable watchdog timer
– Dual 8-bit Lite timers with prescaler,
1 real time base and 1 input capture
– Dual 12-bit Auto-reload timers with 4 PWM
outputs, input capture, output compare,
dead-time generation and enhanced one
pulse mode functions
– One 16-bit timer
Communication interfaces:
– I²C multimaster interface
– SPI synchronous serial interface
A/D converter: up to 10 input channels
Interrupt management
– 13 interrupt vectors plus TRAP and RESET
Instruction set
– 8-bit data manipulation
– 63 basic instructions with illegal opcode
detection
– 17 main addressing modes
– 8 x 8 unsigned multiply instructions
Development tools
– Full HW/SW development package
– DM (Debug Module)
SO20
LQFP32
SDIP32
DIP20
www.st.com


Similar Part No. - ST7FOXF1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7FOXA0 STMICROELECTRONICS-ST7FOXA0 Datasheet
1Mb / 123P
8-bit MCU with single voltage Flash memory
04-Feb-2008
ST7FOXA0-DRAIS STMICROELECTRONICS-ST7FOXA0-DRAIS Datasheet
220Kb / 6P
Raisonances complete, low-cost starter kits for STM8 and ST7
22-Apr-2013
ST7FOXK2-DRAIS STMICROELECTRONICS-ST7FOXK2-DRAIS Datasheet
220Kb / 6P
Raisonances complete, low-cost starter kits for STM8 and ST7
22-Apr-2013
ST7FOXU0 STMICROELECTRONICS-ST7FOXU0 Datasheet
1Mb / 123P
1 additional output line
22-Nov-2007
More results

Similar Description - ST7FOXF1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Rev. 2.4
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Rev. 2.0
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
19-Nov-2004
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Apr-2003
ST72104G STMICROELECTRONICS-ST72104G Datasheet
1Mb / 140P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
Nov-2000
ST7LITEUSX STMICROELECTRONICS-ST7LITEUSX Datasheet
1Mb / 108P
8-bit MCU with single voltage Flash memory, ADC, timers
Jan-2007
ST7LITEU05 STMICROELECTRONICS-ST7LITEU05 Datasheet
2Mb / 115P
8-bit MCU with single voltage Flash memory, ADC, timers
May-2007
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
May-2007
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
Jun-2008
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
Jun-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com