Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 33Page - STMicroelectronics ST7FOXF1 Datasheet HTML 34Page - STMicroelectronics ST7FOXF1 Datasheet HTML 35Page - STMicroelectronics ST7FOXF1 Datasheet HTML 36Page - STMicroelectronics ST7FOXF1 Datasheet HTML 37Page - STMicroelectronics ST7FOXF1 Datasheet HTML 38Page - STMicroelectronics ST7FOXF1 Datasheet HTML 39Page - STMicroelectronics ST7FOXF1 Datasheet HTML 40Page - STMicroelectronics ST7FOXF1 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
Supply, reset and clock management
37/226
Case 2 Switching from AWU RC to internal RC
1.
Reset the RC/AWU bit to enable the internal RC oscillator
2.
Using a 4-bit counter, wait until 8 internal RC cycles have elapsed. The counter is
running on internal RC clock.
3.
Wait till the AWU_FLAG is cleared (1AWU RC cycle) and the RC_FLAG is set (2 RC
cycles)
4.
The switch to the internal RC clock is made at the positive edge of the internal RC clock
signal
5.
Once the switch is made, the AWU RC is stopped
Note:
1
When the internal RC is not selected, it is stopped so as to save power consumption.
2
When the internal RC is selected, the AWU RC is turned on by hardware when entering
Auto wakeup from Halt mode.
3
When the external clock is selected, the AWU RC oscillator is always on.
Figure 11.
Clock switching
Internal RC
AWU RC
Set RC/AWU
Poll AWU_FLAG until set
Internal RC
Reset RC/AWU
Poll RC_FLAG until set
AWU RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com