Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 42Page - STMicroelectronics ST7FOXF1 Datasheet HTML 43Page - STMicroelectronics ST7FOXF1 Datasheet HTML 44Page - STMicroelectronics ST7FOXF1 Datasheet HTML 45Page - STMicroelectronics ST7FOXF1 Datasheet HTML 46Page - STMicroelectronics ST7FOXF1 Datasheet HTML 47Page - STMicroelectronics ST7FOXF1 Datasheet HTML 48Page - STMicroelectronics ST7FOXF1 Datasheet HTML 49Page - STMicroelectronics ST7FOXF1 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 226 page
background image
Supply, reset and clock management
ST7FOXF1, ST7FOXK1, ST7FOXK2
46/226
6.5
Register description
6.5.1
RC calibration control/status register (RCC_CSR)
Reset value: 0000 0000 (00h)
Bits 7:2 = Reserved, forced by hardware to 0
0: Read mode
1: Write mode
Bit 1 = RCCLAT Latch Access Transfer bit: this bit is set by software.
It is cleared by hardware at the end of the programming cycle. It can only be cleared by
software if the RCCPGM bit is cleared
Bit 0 = RCCPGM Programming Control and Status bit
This bit is set by software to begin the programming cycle. At the end of the
programming cycle, this bit is cleared by hardware.
0: Programming finished or not yet started
1: Programming cycle is in progress
Note:
If the RCCPGM bit is cleared during the programming cycle, the memory data is not
guaranteed.
6.5.2
Main Clock Control/Status Register (MCCSR)
Reset value: 0000 0000 (00h)
Bits 7:2 = Reserved, must be kept cleared.
Bit 1 = MCO Main Clock Out enable bit
This bit is read/write by software and cleared by hardware after a reset. This bit allows
to enable the MCO output clock.
0: MCO clock disabled, I/O port free for general purpose I/O.
1: MCO clock enabled.
Bit 0 = SMS Slow mode selection bit
This bit is read/write by software and cleared by hardware after a reset. This bit selects
the input clock fOSC or fOSC/32.
0: Normal mode (fCPU = fOSC
1: Slow mode (fCPU = fOSC/32)
7
0
000000
RCCLAT
RCCPGM
Read/write
7
0
000000
MCO
SMS
Read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com