Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 43Page - STMicroelectronics ST7FOXF1 Datasheet HTML 44Page - STMicroelectronics ST7FOXF1 Datasheet HTML 45Page - STMicroelectronics ST7FOXF1 Datasheet HTML 46Page - STMicroelectronics ST7FOXF1 Datasheet HTML 47Page - STMicroelectronics ST7FOXF1 Datasheet HTML 48Page - STMicroelectronics ST7FOXF1 Datasheet HTML 49Page - STMicroelectronics ST7FOXF1 Datasheet HTML 50Page - STMicroelectronics ST7FOXF1 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
Supply, reset and clock management
47/226
6.5.3
RC Control Register High (RCCRH)
Reset value: 1111 1111 (FFh)
Bits 7:0 = CR[9:2] RC Oscillator Frequency Adjustment bits
These bits must be written immediately after reset to adjust the RC oscillator
frequency. The application can store the correct value for each voltage range in Flash
memory and write it to this register at start-up.
00h = maximum available frequency
FFh = lowest available frequency
These bits are used with the CR[1:0] bits in the RCCRL register. Refer to
Chapter 6.5.4.
Note:
To tune the oscillator, write a series of different values in the register until the correct
frequency is reached. The fastest method is to use a dichotomy starting with 80h.
7
0
CR9
CR8
CR7
CR6
CR5
CR4
CR3
CR2
Read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com