Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 37Page - STMicroelectronics ST7FOXF1 Datasheet HTML 38Page - STMicroelectronics ST7FOXF1 Datasheet HTML 39Page - STMicroelectronics ST7FOXF1 Datasheet HTML 40Page - STMicroelectronics ST7FOXF1 Datasheet HTML 41Page - STMicroelectronics ST7FOXF1 Datasheet HTML 42Page - STMicroelectronics ST7FOXF1 Datasheet HTML 43Page - STMicroelectronics ST7FOXF1 Datasheet HTML 44Page - STMicroelectronics ST7FOXF1 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
Supply, reset and clock management
41/226
Figure 13.
Reset sequence phases
Table 9.
CPU clock delay during Reset sequence
Clock source
CPU clock cycle delay
Internal RC 8 MHz Oscillator
4096
Internal RC 32 kHz Oscillator
256
External clock (connected to CLKIN/PB1 pin)
4096
External Crystal/Ceramic Oscillator (connected to OSC1/OSC2 pins)
4096
External Crystal/Ceramic 1-16 MHz Oscillator
4096
External Crystal/Ceramic 32 kHz Oscillator
256
RESET
active phase
Internal reset
256 or 4096 clock cycles
Fetch
vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com