Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 34Page - STMicroelectronics ST7FOXF1 Datasheet HTML 35Page - STMicroelectronics ST7FOXF1 Datasheet HTML 36Page - STMicroelectronics ST7FOXF1 Datasheet HTML 37Page - STMicroelectronics ST7FOXF1 Datasheet HTML 38Page - STMicroelectronics ST7FOXF1 Datasheet HTML 39Page - STMicroelectronics ST7FOXF1 Datasheet HTML 40Page - STMicroelectronics ST7FOXF1 Datasheet HTML 41Page - STMicroelectronics ST7FOXF1 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 226 page
background image
Supply, reset and clock management
ST7FOXF1, ST7FOXK1, ST7FOXK2
38/226
Figure 12.
Clock management block diagram
6.2
Multi-oscillator (MO)
The main clock of the ST7 can be generated by four different source types coming from the
multi-oscillator block (1 to 16 MHz):
An external source
5 different configurations for crystal or ceramic resonator oscillators
An internal high frequency RC oscillator
Each oscillator is optimized for a given frequency range in terms of consumption and is
selectable through the option byte. The associated hardware configurations are shown in
Table 8. Refer to the electrical characteristics section for more details.
CR6
CR9
CR2
CR3
CR4
CR5
CR8
CR7
fOSC
MCCSR
SMS
MCO
MCO
fCPU
fCPU
TO CPU AND
PERIPHERALS
(1ms timebase @ 8 MHz fOSC)
/32 DIVIDER
fOSC
fOSC/32
fOSC
fLTIMER
1
0
LITE TIMER 2 COUNTER
8-BIT
AT TIMER 2
12-BIT
CLKIN
OSC2
CLKIN
Tunable
Oscillator
RC
/2
DIVIDER
Option bits
CLKSEL[1:0]
OSC
1-16 MHz
CLKIN
CLKIN
/OSC1
OSC
/2
DIVIDER
OSC/2
CLKIN/2
CLKIN/2
Option bits
CLKSEL[1:0]
CR1
CR0
or 32kHz
CKCNTCSR
RC/AWU
Clock controller
fCPU
AWU RC OSC
8 MHz
2 MHz
1 MHz
4 MHz
Prescaler
8 MHz (fRC)
RC OSC
500 kHz
CK2
CK1
CK0
PSCR
RCCRH
RCCRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com