Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 32Page - STMicroelectronics ST7FOXF1 Datasheet HTML 33Page - STMicroelectronics ST7FOXF1 Datasheet HTML 34Page - STMicroelectronics ST7FOXF1 Datasheet HTML 35Page - STMicroelectronics ST7FOXF1 Datasheet HTML 36Page - STMicroelectronics ST7FOXF1 Datasheet HTML 37Page - STMicroelectronics ST7FOXF1 Datasheet HTML 38Page - STMicroelectronics ST7FOXF1 Datasheet HTML 39Page - STMicroelectronics ST7FOXF1 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 226 page
background image
Supply, reset and clock management
ST7FOXF1, ST7FOXK1, ST7FOXK2
36/226
If a programming cycle is interrupted (by a RESET action), the integrity of the data in
memory will not be guaranteed.
Caution:
When the Read-Out Protection is enabled through an option bit (see Section 13.1: Option
bytes), these two bytes are protected against Read-out (including a re-write protection). In
Flash devices, when this protection is removed by reprogramming the option byte, these two
bytes are automatically erased.
Figure 10.
RC user calibration programming cycle
6.1.3
Auto wakeup RC oscillator
The ST7FOX also contains an Auto wakeup RC oscillator. This RC oscillator should be
enabled to enter Auto wakeup from halt mode.
The Auto wakeup (AWU) RC oscillator can also be configured as the startup clock through
the CKSEL[1:0] option bits (see Section 13.1: Option bytes on page 211).
This is recommended for applications where very low power consumption is required.
Switching from one startup clock to another can be done in run mode as follows (see
Figure 11):
Case 1 Switching from internal RC to AWU
1.
Set the RC/AWU bit in the CKCNTCSR register to enable the AWU RC oscillator
2.
The RC_FLAG is cleared and the clock output is at 1.
3.
Wait 3 AWU RC cycles till the AWU_FLAG is set
4.
The switch to the AWU clock is made at the positive edge of the AWU clock signal
5.
Once the switch is made, the internal RC is stopped
RCCLAT
ERASE CYCLE
WRITE CYCLE
RCCPGM
tPROG
READ OPERATION NOT POSSIBLE
WRITE OF
DATA LATCHES
READ OPERATION POSSIBLE
Internal
Programming
voltage
Byte 1 Byte 2
tPROG is typically 5 ms and max 10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com