Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 45Page - STMicroelectronics ST7FOXF1 Datasheet HTML 46Page - STMicroelectronics ST7FOXF1 Datasheet HTML 47Page - STMicroelectronics ST7FOXF1 Datasheet HTML 48Page - STMicroelectronics ST7FOXF1 Datasheet HTML 49Page - STMicroelectronics ST7FOXF1 Datasheet HTML 50Page - STMicroelectronics ST7FOXF1 Datasheet HTML 51Page - STMicroelectronics ST7FOXF1 Datasheet HTML 52Page - STMicroelectronics ST7FOXF1 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
Supply, reset and clock management
49/226
6.5.5
Prescaler register (PSCR)
Reset value: 0000 0000 (00h) for ST7FOXF1 and ST7FOXK1
Reset value: 0000 0011 (03h) for ST7FOXK2
Bits 7:5 = CK[2:0] internal RC Prescaler Selection
These bits are set by software and cleared by hardware after a reset. These bits select
the prescaler of the internal RC oscillator. See Table 11.
If the internal RC is used with a supply operating range below 3.3 V, a division ratio of
at least 2 must be enabled in the RC prescaler.
Bits 4:2 = Reserved, must be cleared.
Bits 1:0 = Must be set.
Caution:
For ST7FOXF1 and ST7FOXK1 devices, PRSC[1:0] bits must be forced to 1 by software in
order to reduce current consumption.
6.5.6
Clock controller control/status register (CKCNTCSR)
Reset value: 0000 1001 (09h)
Bits 7:4 = Reserved, must be kept cleared.
Bit 3 = AWU_FLAG AWU Selection bit
This bit is set and cleared by hardware.
0: No switch from AWU to RC requested
1: AWU clock activated and temporization completed
7
0
CK2
CK1
CK0
0
0
0
0 or 1
0 or 1
Read/write
Table 11.
Internal RC prescaler selection bits
CK2
CK1
CK0
fOSC
00
1
fRC/2
01
0
fRC/4
01
1
fRC/8
10
0
fRC/16
others
fRC
7
0
0
0
0
0
AWU_FLAG
RC_FLAG
0
RC/AWU
Read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com