Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 16Page - STMicroelectronics ST7FOXF1 Datasheet HTML 17Page - STMicroelectronics ST7FOXF1 Datasheet HTML 18Page - STMicroelectronics ST7FOXF1 Datasheet HTML 19Page - STMicroelectronics ST7FOXF1 Datasheet HTML 20Page - STMicroelectronics ST7FOXF1 Datasheet HTML 21Page - STMicroelectronics ST7FOXF1 Datasheet HTML 22Page - STMicroelectronics ST7FOXF1 Datasheet HTML 23Page - STMicroelectronics ST7FOXF1 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 226 page
background image
Register and memory mapping
ST7FOXF1, ST7FOXK1, ST7FOXK2
20/226
3
Register and memory mapping
As shown in Figure 5, the MCU is capable of addressing 64 Kbytes of memories and I/O
registers.
The available memory locations consist of 128 bytes of register locations, 384 bytes of RAM
and 4 to 8 Kbytes of Flash program memory. The RAM space includes up to 128 bytes for
the stack from 180h to 1FFh.
The highest address bytes contain the user reset and interrupt vectors.
The Flash memory contains two sectors (see Figure 5) mapped in the upper part of the ST7
addressing space so the reset and interrupt vectors are located in Sector 0 (FFE0h-FFFFh).
The size of Flash Sector 0 and other device options are configurable by option bytes (refer
to Section 13.1 on page 211).
Caution:
Memory locations marked as “Reserved” must never be accessed. Accessing a reserved
area can have unpredictable effects on the device.
Figure 5.
ST7FOXF1/ST7FOXK1/ST7FOXK2 memory map
0000h
Flash Memory
Interrupt & Reset Vectors
HW registers
0080h
007Fh
(seeTable 8)
FFE0h
FFFFh
(see Table 17)
Reserved
Short Addressing
RAM (zero page)
0080h
00FFh
E000h
DFFFh
FFDFh
128 bytes Stack
0100h
017Fh
8 or 4 Kbytes
DEE0h
see Section 6.1.1
01FFh
0200h
RAM
RAM
(384 bytes)
0180h
01FFh
DEE1h
RCCRH
RCCRL
E000h
(4 Kbytes)
(8 Kbytes)
F000h
EFFFh
F800h
F7FFh
Flash program memory
(4 Kbytes)
Sector 1
Sector 0
(2 Kbytes)
(1 Kbyte)
(0.5 Kbyte)
FFFFh
1000h
1001h
Reserved
RCCRH_USER
RCCRL_USER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com