Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 96Page - STMicroelectronics ST7FOXF1 Datasheet HTML 97Page - STMicroelectronics ST7FOXF1 Datasheet HTML 98Page - STMicroelectronics ST7FOXF1 Datasheet HTML 99Page - STMicroelectronics ST7FOXF1 Datasheet HTML 100Page - STMicroelectronics ST7FOXF1 Datasheet HTML 101Page - STMicroelectronics ST7FOXF1 Datasheet HTML 102Page - STMicroelectronics ST7FOXF1 Datasheet HTML 103Page - STMicroelectronics ST7FOXF1 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 226 page
background image
On-chip peripherals
ST7FOXF1, ST7FOXK1, ST7FOXK2
100/226
Autoreload register (ATR1H)
Reset value: 0000 0000 (00h)
Autoreload register (ATR1L)
Reset value: 0000 0000 (00h)
Bits 11:0 = ATR1[11:0] Autoreload register 1:
This is a 12-bit register which is written by software. The ATR1 register value is
automatically loaded into the upcounter CNTR1 when an overflow occurs. The register
value is used to set the PWM frequency.
PWM output control register (PWMCR)
Reset value: 0000 0000 (00h)
Bits 7:0 = OE[3:0] PWMx output enable bits
These bits are set and cleared by software and cleared by hardware after a reset.
0: PWM mode disabled. PWMx Output Alternate function disabled (I/O pin free for
general purpose I/O)
1: PWM mode enabled
PWMX control status register (PWMxCSR)
Reset value: 0000 0000 (00h)
Bits 7:4= Reserved, must be kept cleared.
Bit 3 = OP_EN One Pulse Mode Enable bit
15
8
0
0
0
0
ATR11
ATR10
ATR9
ATR8
Read/write
7
0
ATR7
ATR6
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
Read/write
7
0
0OE30OE2
0OE10OE0
Read/write
7
0
0000
OP_EN
OPEDGE
OPx
CMPFx
Read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com