Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 98 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 94Page - STMicroelectronics ST7FOXF1 Datasheet HTML 95Page - STMicroelectronics ST7FOXF1 Datasheet HTML 96Page - STMicroelectronics ST7FOXF1 Datasheet HTML 97Page - STMicroelectronics ST7FOXF1 Datasheet HTML 98Page - STMicroelectronics ST7FOXF1 Datasheet HTML 99Page - STMicroelectronics ST7FOXF1 Datasheet HTML 100Page - STMicroelectronics ST7FOXF1 Datasheet HTML 101Page - STMicroelectronics ST7FOXF1 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 226 page
background image
On-chip peripherals
ST7FOXF1, ST7FOXK1, ST7FOXK2
98/226
10.2.6
Register description
Timer control status register (ATCSR)
Reset value: 0x00 0000 (x0h)
Bit 7 = Reserved
Bit 6 = ICF Input Capture flag
This Bit is set by hardware and cleared by software by reading the ATICR register (a
read access to ATICRH or ATICRL clears this flag). Writing to this bit does not change
the bit value.
0: No input capture
1: An input capture has occurred
Bit 5 = ICIE IC Interrupt Enable bit
This bit is set and cleared by software.
0: Input Capture Interrupt Disabled
1: Input Capture Interrupt Enabled
Bits 4:3 = CK[1:0] Counter Clock Selection bits
These bits are set and cleared by software and cleared by hardware after a reset. they
select the clock frequency of the counter.
Bit 2 = OVF1 Overflow flag
This bit is set by hardware and cleared by software by reading the ATCSR register. It
indicates the transition of the Counter1 CNTR1 from FFFh to ATR1 value.
0: No Counter Overflow Occurred
1: Counter Overflow Occurred
Bit 1 = OVFIE1 Overflow Interrupt Enable bit
This bit is read/write by software and cleared by hardware after a reset.
0: Overflow Interrupt Disabled.
1: Overflow Interrupt Enabled.
7
0
0
ICF
ICIE
CK1
CK0
OVF1
OVFIE1
CMPIE
Read / Write
Table 37.
Counter clock selection
Counter clock selection
CK1
CK0
OFF
0
0
selection forbidden
1
1
fLTIMER (1 ms timebase @ 8 MHz)
0
1
fCPU
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com