Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 35Page - STMicroelectronics ST7FOXF1 Datasheet HTML 36Page - STMicroelectronics ST7FOXF1 Datasheet HTML 37Page - STMicroelectronics ST7FOXF1 Datasheet HTML 38Page - STMicroelectronics ST7FOXF1 Datasheet HTML 39Page - STMicroelectronics ST7FOXF1 Datasheet HTML 40Page - STMicroelectronics ST7FOXF1 Datasheet HTML 41Page - STMicroelectronics ST7FOXF1 Datasheet HTML 42Page - STMicroelectronics ST7FOXF1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
Supply, reset and clock management
39/226
6.2.1
External clock source
In this external clock mode, a clock signal (square, sinus or triangle) with ~50% duty cycle
has to drive the OSC1 pin while the OSC2 pin is tied to ground.
Note:
When the Multi-Oscillator is not used OSCI1 and OSCI2 must be tied to ground, and PB1 is
selected by default as the external clock.
6.2.2
Crystal/ceramic oscillators
In this mode, with a self-controlled gain feature, oscillator of any frequency from 1 to 16 MHz
can be placed on OSC1 and OSC2 pins. This family of oscillators has the advantage of
producing a very accurate rate on the main clock of the ST7. In this mode of the multi-
oscillator, the resonator and the load capacitors have to be placed as close as possible to
the oscillator pins in order to minimize output distortion and start-up stabilization time. The
loading capacitance values must be adjusted according to the selected oscillator.
These oscillators are not stopped during the RESET phase to avoid losing time in the
oscillator start-up phase.
6.2.3
Internal RC oscillator
In this mode, the tunable RC oscillator is used as main clock source. The two oscillator pins
have to be tied to ground.
The calibration is done through the RCCRH[7:0] and RCCRL[6:5] registers.
Table 8.
ST7 clock sources
Hardware configuration
OSC1
OSC2
EXTERNAL
ST7
SOURCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com