Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 99 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 95Page - STMicroelectronics ST7FOXF1 Datasheet HTML 96Page - STMicroelectronics ST7FOXF1 Datasheet HTML 97Page - STMicroelectronics ST7FOXF1 Datasheet HTML 98Page - STMicroelectronics ST7FOXF1 Datasheet HTML 99Page - STMicroelectronics ST7FOXF1 Datasheet HTML 100Page - STMicroelectronics ST7FOXF1 Datasheet HTML 101Page - STMicroelectronics ST7FOXF1 Datasheet HTML 102Page - STMicroelectronics ST7FOXF1 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
On-chip peripherals
99/226
Bit 0 = CMPIE Compare Interrupt Enable bit
This bit is read/write by software and cleared by hardware after a reset. it can be used
to mask the interrupt generated when any of the cmpfx bit is set.
0: Output Compare Interrupt Disabled.
1: Output Compare Interrupt Enabled.
Counter register 1 High (CNTR1H)
Reset value: 0000 0000 (00h)
Counter register 1 Low (CNTR1L)
Reset value: 0000 0000 (00h)
Bits 15:12 = Reserved
Bits 11:0 = CNTR1[11:0] Counter value
This 12-bit register is read by software and cleared by hardware after a reset. The
counter CNTR1 increments continuously as soon as a counter clock is selected. To
obtain the 12-bit value, software should read the counter value in two consecutive read
operations. As there is no latch, it is recommended to read LSB first. In this case,
CNTR1H can be incremented between the two read operations and to have an
accurate result when ftimer=fCPU, special care must be taken when CNTR1L values
close to FFh are read.
When a counter overflow occurs, the counter restarts from the value specified in the
ATR1 register.
15
8
000
0
CNTR1_
11
CNTR1_
10
CNTR1_9
CNTR1_8
Read only
7
0
CNTR1_7
CNTR1_6
CNTR1_5
CNTR1_4
CNTR1_3
CNTR1_2
CNTR1_1
CNTR1_0
Read only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com