Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 139 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 135Page - STMicroelectronics ST7FOXF1 Datasheet HTML 136Page - STMicroelectronics ST7FOXF1 Datasheet HTML 137Page - STMicroelectronics ST7FOXF1 Datasheet HTML 138Page - STMicroelectronics ST7FOXF1 Datasheet HTML 139Page - STMicroelectronics ST7FOXF1 Datasheet HTML 140Page - STMicroelectronics ST7FOXF1 Datasheet HTML 141Page - STMicroelectronics ST7FOXF1 Datasheet HTML 142Page - STMicroelectronics ST7FOXF1 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
On-chip peripherals
139/226
Input capture 2 high register (IC2HR)
Reset value: undefined
This is an 8-bit read-only register that contains the high part of the counter value (transferred
by the input capture 2 event).
Input capture 2 low register (IC2LR)
Reset value: undefined
This is an 8-bit read-only register that contains the low part of the counter value (transferred
by the input capture 2 event).
10.4.8
16-bit timer register map and reset values
7
0
MSB
LSB
Read Only
7
0
MSB
LSB
Read Only
Table 45.
16-bit timer register map and reset values
Address (Hex.) Register label
7
6
5
4
3
2
1
0
55
TACR2
Reset value
OC1E
0
OC2E
0
OPM
0
PWM
0
CC1
0
CC0
0
IEDG2
0
EXEDG
0
56
TACR1
Reset value
ICIE
0
OCIE
0
TOIE
0
FOLV2
0
FOLV1
0
OLVL2
0
IEDG1
0
OLVL1
0
57
TACSR
Reset value
ICF1
0
OCF1
0
TOF
0
ICF2
0
OCF2
0
TIMD
0
-
0
-
0
58
TAICHR1
Reset value
MSB
-
-
-
---
-
LSB
-
59
TAICLR1
Reset value
MSB
-
-
-
---
-
LSB
-
5A
TAOCHR1
Reset value
MSB
-
-
-
---
-
LSB
-
5B
TAOCLR1
Reset value
MSB
-
-
-
---
-
LSB
-
5C
TACHR
Reset value
MSB
11
1
1
1
1
1
LSB
1
5D
TACLR
Reset value
MSB
11
1
1
1
1
0
LSB
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com