Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 149 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 145Page - STMicroelectronics ST7FOXF1 Datasheet HTML 146Page - STMicroelectronics ST7FOXF1 Datasheet HTML 147Page - STMicroelectronics ST7FOXF1 Datasheet HTML 148Page - STMicroelectronics ST7FOXF1 Datasheet HTML 149Page - STMicroelectronics ST7FOXF1 Datasheet HTML 150Page - STMicroelectronics ST7FOXF1 Datasheet HTML 151Page - STMicroelectronics ST7FOXF1 Datasheet HTML 152Page - STMicroelectronics ST7FOXF1 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
On-chip peripherals
149/226
subsequent EV4 is not seen.
6.
EV4: EVF=1, STOPF=1, cleared by reading SR2 register.
7.
EV5: EVF=1, SB=1, cleared by reading SR1 register followed by writing DR register.
8.
EV6: EVF=1, cleared by reading SR1 register followed by writing CR register (for example PE=1).
9.
EV7: EVF=1, BTF=1, cleared by reading SR1 register followed by reading DR register.
10. EV8: EVF=1, BTF=1, cleared by reading SR1 register followed by writing DR register.
11. EV9: EVF=1, ADD10=1, cleared by reading SR1 register followed by writing DR register.
10.5.5
Low power modes
10.5.6
Interrupts
Figure 72.
Event flags and interrupt generation
Table 46.
Effect of low power modes on the I2C interface
Mode
Description
Wait
No effect on I2C interface.
I2C interrupts cause the device to exit from Wait mode.
Halt
I2C registers are frozen.
In Halt mode, the I2C interface is inactive and does not acknowledge data on the bus. The
I2C interface resumes operation when the MCU is woken up by an interrupt with “exit from
Halt mode” capability.
Table 47.
Description of interrupt events
Interrupt Event(1)
1.
The I2C interrupt events are connected to the same interrupt vector (see Interrupts chapter).
They generate an interrupt if the corresponding Enable Control Bit is set and the I-bit in the CC register is
reset (RIM instruction).
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
10-bit Address Sent Event (Master mode)
ADD10
ITE
Yes
No
End of byte Transfer Event
BTF
Yes
No
Address Matched Event (Slave mode)
ADSL
Yes
No
Start Bit Generation Event (Master mode)
SB
Yes
No
Acknowledge Failure Event
AF
Yes
No
Stop Detection Event (Slave mode)
STOPF
Yes
No
Arbitration Lost Event (Multimaster configuration)
ARLO
Yes
No
Bus Error Event
BERR
Yes
No
BTF
ADSL
SB
AF
STOPF
ARLO
BERR
EVF
INTERRUPT
ITE
*
* EVF can also be set by EV6 or an error from the SR2 register.
ADD10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com