Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 177 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 177 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 173Page - STMicroelectronics ST7FOXF1 Datasheet HTML 174Page - STMicroelectronics ST7FOXF1 Datasheet HTML 175Page - STMicroelectronics ST7FOXF1 Datasheet HTML 176Page - STMicroelectronics ST7FOXF1 Datasheet HTML 177Page - STMicroelectronics ST7FOXF1 Datasheet HTML 178Page - STMicroelectronics ST7FOXF1 Datasheet HTML 179Page - STMicroelectronics ST7FOXF1 Datasheet HTML 180Page - STMicroelectronics ST7FOXF1 Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
On-chip peripherals
177/226
Data register High (ADCDRH)
Reset value: xxxx xxxx (xxh)
Bits 7:0 = D[9:2] MSB of Analog Converted Value
ADC Control/data register Low (ADCDRL)
Reset value: 0000 00xx (0xh)
Bits 7:4 = Reserved. Forced by hardware to 0.
Bit 3 = SLOW Slow mode bit
This bit is set and cleared by software. It is used together with the SPEED bit in the
ADCCSR register to configure the ADC clock speed as shown on the table below.
Bit 2 = Reserved. Forced by hardware to 0.
Bits 1:0 = D[1:0] LSB of Analog Converted value
7
0
D9
D8
D7
D6
D5
D4
D3
D2
Read only
7
0
0000
SLOW
0
D1
D0
Read/write
Table 56.
Configuring the ADC clock speed
fADC
(1)
1.
The maximum allowed value of fADC is 4 MHz (see Section 12.11 on page 209)
SLOW
SPEED
fCPU/2
0
0
fCPU
01
fCPU/4
1
x
Table 57.
ADC register mapping and reset values
Address
(Hex.)
Register
label
76
5
4
3
2
1
0
0036h
ADCCSR
Reset Value
EOC
0
SPEED
0
ADON
0
0
0
CH3
0
CH2
0
CH1
0
CH0
0
0037h
ADCDRH
Reset Value
D9
x
D8
x
D7
x
D6
x
D5
x
D4
x
D3
x
D2
x
0038h
ADCDRL
Reset Value
0
0
0
0
0
0
0
SLOW
0
0
D1
x
D0
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com