Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 200 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 200 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 196Page - STMicroelectronics ST7FOXF1 Datasheet HTML 197Page - STMicroelectronics ST7FOXF1 Datasheet HTML 198Page - STMicroelectronics ST7FOXF1 Datasheet HTML 199Page - STMicroelectronics ST7FOXF1 Datasheet HTML 200Page - STMicroelectronics ST7FOXF1 Datasheet HTML 201Page - STMicroelectronics ST7FOXF1 Datasheet HTML 202Page - STMicroelectronics ST7FOXF1 Datasheet HTML 203Page - STMicroelectronics ST7FOXF1 Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 226 page
background image
Electrical characteristics
ST7FOXF1, ST7FOXK1, ST7FOXK2
200/226
12.7
Memory characteristics
TA = -40 °C to 85 °C, unless otherwise specified.
Table 81.
RAM and hardware registers characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention mode(1)
1.
Minimum VDD supply voltage without losing data stored in RAM (in Halt mode or under Reset) or in
hardware registers (only in Halt mode). Guaranteed by construction, not tested in production.
Halt mode (or Reset)
1.6
V
Table 82.
Flash program memory characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating voltage for Flash
Write/Erase
Refer to operating
range of VDD with TA,
Section 12.3.1 on
page 190
4.5
5.5
V
tprog
Programming time for 1~32
bytes(1)
1.
Up to 32 bytes can be programmed at a time.
TA=−40 to +85 °C
5
10
ms
Programming time for 4 kbytes
TA=+25 °C
0.64
1.28
s
tRET
Data retention(2)
2.
Data based on reliability test results and monitored in production.
TA=+55 °C
(3)
3.
The data retention time increases when the TA decreases.
20
years
NRW
Write erase cycles
TA=+25 °C
1k
cycles
IDD
Supply current(4)
4.
Guaranteed by Design. Not tested in production.
Read / Write / Erase
modes
fCPU = 8 MHz,
VDD = 5.5 V
2.6
mA
No Read/No Write
mode
100
µA
Power down mode /
Halt
00.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com