Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 210 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 210 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 206Page - STMicroelectronics ST7FOXF1 Datasheet HTML 207Page - STMicroelectronics ST7FOXF1 Datasheet HTML 208Page - STMicroelectronics ST7FOXF1 Datasheet HTML 209Page - STMicroelectronics ST7FOXF1 Datasheet HTML 210Page - STMicroelectronics ST7FOXF1 Datasheet HTML 211Page - STMicroelectronics ST7FOXF1 Datasheet HTML 212Page - STMicroelectronics ST7FOXF1 Datasheet HTML 213Page - STMicroelectronics ST7FOXF1 Datasheet HTML 214Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 226 page
background image
Electrical characteristics
ST7FOXF1, ST7FOXK1, ST7FOXK2
210/226
Figure 92.
ADC accuracy characteristics
Table 91.
ADC accuracy with VDD = 4.5 to 5.5 V
Symbol
(1)
1.
Data based on characterization results over the whole temperature range.
Parameter
Conditions
Typ
Max
Unit
|ET|
Total unadjusted error
fCPU=8 MHz,
fADC=4 MHz
(1)
2.0
5.0
LSB
|EO|
Offset error
0.9
2.5
|EG|
Gain Error
1.0
1.5
|ED|
Differential linearity error
1.2
3.5
|EL|
Integral linearity error
1.1
4.5
EO
EG
1LSBIDEAL
1LSBIDEAL
VDD VSS
1024
--------------------------------
=
Vin (LSBIDEAL)
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) End point correlation line
ET=Total Unadjusted Error: maximum deviation
between the actual and the ideal transfer
curves.
EO=Offset Error: deviation between the first
actual transition and the first ideal one.
EG=Gain Error: deviation between the last
ideal transition and the last actual one.
ED=Differential Linearity Error: maximum
deviation between actual steps and the ideal
one.
EL=Integral Linearity Error: maximum deviation
between any actual transition and the end point
correlation line.
Digital Result
1023
1022
1021
5
4
3
2
1
0
7
6
1
2
34
56
7
1021 1022 1023 1024
(1)
(2)
ET
ED
EL
(3)
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com