Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 215 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 215 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 211Page - STMicroelectronics ST7FOXF1 Datasheet HTML 212Page - STMicroelectronics ST7FOXF1 Datasheet HTML 213Page - STMicroelectronics ST7FOXF1 Datasheet HTML 214Page - STMicroelectronics ST7FOXF1 Datasheet HTML 215Page - STMicroelectronics ST7FOXF1 Datasheet HTML 216Page - STMicroelectronics ST7FOXF1 Datasheet HTML 217Page - STMicroelectronics ST7FOXF1 Datasheet HTML 218Page - STMicroelectronics ST7FOXF1 Datasheet HTML 219Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
Device configuration and ordering information
215/226
13.3
Development tools
Development tools for the ST7 microcontrollers include a complete range of hardware
systems and software tools from STMicroelectronics and third-party tool suppliers. The
range of tools includes solutions to help you evaluate microcontroller peripherals, develop
and debug your application, and program your microcontrollers.
13.3.1
Starter kits
ST offers complete, affordable starter kits. Starter kits are complete hardware/software tool
packages that include features and samples to help you quickly start developing your
application.
13.3.2
Development and debugging tools
Application development for ST7 is supported by fully optimizing C Compilers and the ST7
Assembler-Linker toolchain, which are all seamlessly integrated in the ST7 integrated
development environments in order to facilitate the debugging and fine-tuning of your
application. The Cosmic C Compiler is available in a free version that outputs up to
16Kbytes of code.
The range of hardware tools includes a full-featured STiceEmulator, the low-cost RLink and
the ST7-STICK in-circuit debugger/programmer. These tools are supported by the ST7
Toolset from STMicroelectronics, which includes the STVD7 integrated development
environment (IDE) with high-level language debugger, editor, project manager and
integrated programming interface.
13.3.3
Programming tools
During the development cycle, the STice emulator, the ST7-STICK and the RLink provide
in-circuit programming capability for programming the Flash microcontroller on your
application board.
ST also provides a low-cost dedicated in-circuit programmer and ST7 Socket Boards,
which provide all the sockets required for programming any of the devices in a specific ST7
sub-family with any tool with in-circuit programming capability for ST7.
For production programming of ST7 devices, ST’s third-party tool partners also provide a
complete range of gang and automated programming solutions, which are ready to integrate
into your production environment.
13.3.4
Order codes for development and programming tools
Table 95 below lists the ordering codes for the ST7FOX development and programming
tools. For additional ordering codes for spare parts and accessories, refer to the online
product selector at www.st.com/mcu.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com