Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAMS/NAMJ Datasheet(PDF) 14 Page - ELAN Microelectronics Corp

Part # EM78F651NAMS/NAMJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAMS/NAMJ Datasheet(HTML) 14 Page - ELAN Microelectronics Corp

Back Button EM78F651NAMS/NAMJ Datasheet HTML 10Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 11Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 12Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 13Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 14Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 15Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 16Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 17Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 18Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
EM78F651N
8-Bit Microcontroller
10
•
Product Specification (V1.1) 10.20.2006
(This specification is subject to change without further notice)
6.1.8 RA (Wake- up Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
ICWE
-
-
-
-
-
-
Bit 7:
Not used. Set all “0”
Bit 6 (ICWE): Port 6 input status change wake-up enable bit
0 = Disable Port 6 input status change wake-up
1 = Enable Port 6 input status change wake-up
Bits 5~0: Not used. Set all to “0”.
6.1.9 RB (EEPROM Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RD
WR
EEWE
EEDF
EEPC
-
-
-
Bit 7: Read control register
0 : Does not execute EEPROM read
1 : Read EEPROM content, (RD can be set by software, RD is cleared by
hardware after Read instruction is completed)
Bit 6
:Write control register
0 : Write cycle to the EEPROM is complete.
1 : Initiate a write cycle, (WR can be set by software, WR is cleared by
hardware after Write cycle is completed)
Bit 5
:EEPROM Write Enable bit.
0 : Prohibit write to the EEPROM
1 : Allows EEPROM write cycles
Bit 4
:EEPROM Detective Flag
0 : Write cycle is completed
1 : Write cycle is unfinished
Bits 3
:EEPROM power-down control bit
0 : Switch off the EEPROM
1 : EEPROM is operating
Bits 2 ~ 0: Not used, set to “0” at all time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com