Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAMS/NAMJ Datasheet(PDF) 56 Page - ELAN Microelectronics Corp

Part # EM78F651NAMS/NAMJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAMS/NAMJ Datasheet(HTML) 56 Page - ELAN Microelectronics Corp

Back Button EM78F651NAMS/NAMJ Datasheet HTML 50Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 51Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 52Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 53Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 54Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 55Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 56Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 57Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 58Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
EM78F651N
8-Bit Microcontroller
52
•
Product Specification (V1.1) 10.20.2006
(This specification is subject to change without further notice)
10 AC Electrical Characteristic
EM78F651N, 0
≤ Ta ≤ 70°C, VDD=5V, VSS=0V
-40
≤ Ta ≤ 85°C, VDD=5V, VSS=0V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Dclk
Input CLK duty cycle
−
45
50
55
%
Crystal type
100
−
DC
ns
Tins
Instruction cycle time
(CLKS="0")
RC type
500
−
DC
ns
Ttcc
TCC input period
−
(Tins+20)/N
*
−
−
ns
Tdrh
Device reset hold time
−
11.8
16.8
21.8
ms
Trst
/RESET pulse width
Ta = 25
°C
2000
−
−
ns
Twdt
Watchdog timer period
Ta = 25
°C
11.8
16.8
21.8
ms
Tset
Input pin setup time
−
−
0
−
ns
Thold
Input pin hold time
−
−
20
−
ns
Tdelay
Output pin delay time
Cload=20pF
−
50
−
ns
Note: These parameters are theoretical values and have not been tested.
* Data in the Minimum, Typical, Maximum (“Min”, “Typ”, ”Max”) columns are based on characterization results at 25°C.
This data is for design guidance only and is not tested.
* N = selected prescaler ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com