Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAMS/NAMJ Datasheet(PDF) 54 Page - ELAN Microelectronics Corp

Part # EM78F651NAMS/NAMJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAMS/NAMJ Datasheet(HTML) 54 Page - ELAN Microelectronics Corp

Back Button EM78F651NAMS/NAMJ Datasheet HTML 50Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 51Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 52Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 53Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 54Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 55Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 56Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 57Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 58Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
EM78F651N
8-Bit Microcontroller
50
•
Product Specification (V1.1) 10.20.2006
(This specification is subject to change without further notice)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIHT2
Input High Threshold Voltage
(Schmitt Trigger)
TCC, INT
0.75Vdd
−
Vdd+0.3V
V
VILT2
Input Low Threshold Voltage
Schmitt Trigger)
TCC, INT
-0.3V
−
0.25Vdd
V
VIHX1
Clock Input High Voltage
OSCI in crystal mode
2.9
3.0
3.1
V
VILX1
Clock Input Low Voltage
OSCI in crystal mode
1.7
1.8
1.9
V
IOH1
Output High Voltage
(Ports 5, 6)
VOH = VDD-0.5V
−
-3.5
−
mA
IOL1
Output Low Voltage
(Ports 5, 7)
VOL = GND+0.5V
−
10
−
mA
IOL2
Output Low Voltage
(Ports 6)
VOL = GND+0.5V
−
18
−
mA
IPH
Pull-high current
Pull-high active, input pin at VSS
-45
-65
-85
µA
IPL
Pull-low current
Pull-low active,
Input pin at Vdd
5
25
40
µA
ISB1
Power down current
All input and I/O pins at VDD,
Output pin floating, WDT disabled
−
1.0
2.0
µA
ISB2
Power down current
All input and I/O pins at VDD,
Output pin floating, WDT enabled
−
850
1000
µA
ICC1
Operating supply current
at two clocks
/RESET= 'High', Fosc=32kHz
(Crystal type, CLKS="0"),
Output pin floating,
WDT disabled
12
15
20
µA
ICC2
Operating supply current
at two clocks
/RESET= 'High', Fosc=32kHz
(Crystal type, CLKS="0"),
Output pin floating,
WDT enabled
−
300
350
µA
ICC3
Operating supply current
at two clocks
/RESET= 'High', Fosc=4MHz
(Crystal type, CLKS="0"),
Output pin floating,
WDT enabled
−
1.3
1.6
mA
ICC4
Operating supply current
at two clocks
/RESET= 'High', Fosc=10MHz
(Crystal type, CLKS="0"),
Output pin floating,
WDT enabled
−
2.7
3.0
mA
Note: These parameters are theoretical values and have not been tested.
* Data in the Minimum, Typical, Maximum (“Min”, “Typ”, ”Max”) columns are
based on characterization results at 25
°C. This data is for design guidance only
and is not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com