Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAMS/NAMJ Datasheet(PDF) 42 Page - ELAN Microelectronics Corp

Part # EM78F651NAMS/NAMJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAMS/NAMJ Datasheet(HTML) 42 Page - ELAN Microelectronics Corp

Back Button EM78F651NAMS/NAMJ Datasheet HTML 38Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 39Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 40Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 41Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 42Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 43Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 44Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 45Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 46Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
EM78F651N
8-Bit Microcontroller
38
•
Product Specification (V1.1) 10.20.2006
(This specification is subject to change without further notice)
Table 14 RC Oscillator Frequencies
Cext
Rext
Average Fosc 5V, 25
°C
Average Fosc 3V, 25
°C
3.3k
3.3 MHz
3 MHz
5.1k
2.27 MHz
2.1 MHz
10k
1.1 MHz
1.05 MHz
20 pF
100k
145kHz
145kHz
3.3k
1.02 MHz
0.98 MHz
5.1k
724kHz
694kHz
10k
360kHz
360kHz
100 pF
100k
45kHz
47kHz
3.3k
400kHz
380kHz
5.1k
280kHz
270kHz
10k
143kHz
140kHz
300 pF
100k
14kHz
14kHz
Note:
1: Measured based on DIP packages.
2: The values are for design reference only.
6.9.4 Internal RC Oscillator Mode
EM78F651N offers a versatile internal RC mode with default frequency value of
4MHz. Internal RC oscillator mode has other frequencies (1MHz, 8MHz and 455kHz)
that can be set by Code Option (Word 1), RCM1 and RCM0. All these four main
frequencies can be calibrated by programming the Code Option (Word 1) bits,
C4~C0. Table 15 describes a typical instance of the calibration.
Table 15 Internal RC Drift Rate (Ta=25
°C, VDD=5 V± 5%, VSS=0V)
Drift Rate
Internal RC
Temperature
(-40
°C~85°C)
Voltage
(2.3V~5.5V)
Process
Total
4MHz
± 3%
± 5%
± 3%
± 11%
16MHz
± 3%
± 5%
± 5%
± 13%
3.58MHz
± 3%
± 5%
± 5%
± 13%
455kHz
± 3%
± 5%
± 5%
± 13%
Table 16 Calibration Selections for Internal RC Mode
C4
C3
C2
C1
C0
*Cycle Time (ns)
*Frequency (MHz)
1
1
1
1
1
399
2.506
1
1
1
1
0
385
2.6
1
1
1
0
1
371
2.693
1
1
1
0
0
358
2.786
1
1
0
1
1
347
2.879
1
1
0
1
0
336
2.973
1
1
0
0
1
326
3.066
1
1
0
0
0
316
3.159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com