Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAMS/NAMJ Datasheet(PDF) 27 Page - ELAN Microelectronics Corp

Part # EM78F651NAMS/NAMJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAMS/NAMJ Datasheet(HTML) 27 Page - ELAN Microelectronics Corp

Back Button EM78F651NAMS/NAMJ Datasheet HTML 23Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 24Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 25Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 26Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 27Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 28Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 29Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 30Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 31Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
EM78F651N
8-Bit Microcontroller
Product Specification (V1.1) 10.20.2006
• 23
(This specification is subject to change without further notice)
[b] If WDT is enabled before SLEP, Port 6 Input Status Change wake-up and External
interrupt (/INT) must be disabled. Hence, the EM78F651N, can be awakened only
by Case 1 or 2. Refer to the section on Interrupt.
If Port 6 Input Status Change Interrupt is used to wake-up the EM78F651N, (Case [a]
above), the following instructions must be executed before SLEP:
MOV A, @xx000110b ; Select internal TCC clock
CONTW
CLR R1
; Clear TCC and prescaler
WDTC
; Clear WDT and prescaler
MOV A, @0xxx1110b ; Select WDT prescaler & disable WDT
IOW RA
MOV R6, R6
; Read Port 6
MOV A, @00000x1xb ; Enable Port 6 input change interrupt
IOW RF
ENI (or DISI)
; Enable (or disable) global interrupt
SLEP
; Sleep
NOP
One problem user should be aware of, is that after waking up from sleep mode, WDT
would be enabled automatically. The WDT operation (being enabled or disabled)
should be handled appropriately by software after waking up from sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com