Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAMS/NAMJ Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM78F651NAMS/NAMJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAMS/NAMJ Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM78F651NAMS/NAMJ Datasheet HTML 1Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 2Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 3Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 4Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 5Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 6Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 7Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 8Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
Contents
iv
•
Product Specification (V1.1) 10.20.2006
6.8
Data EEPROM ................................................................................................. 32
6.8.1
Data EEPROM Control Register .......................................................................32
6.8.1.1
RB (EEPROM Control Register) ........................................................32
6.8.1.2
RC (128 Bytes EEPROM Address) ....................................................33
6.8.1.3
RD (128 Bytes EEPROM Data) .........................................................33
6.8.2
Programming Step / Example Demonstration...................................................33
6.8.2.1
Programming Step..............................................................................33
6.8.2.2
Example Demonstration Programs ....................................................34
6.9
Oscillator .......................................................................................................... 35
6.9.1
Oscillator Modes................................................................................................35
6.9.2
Crystal Oscillator/Ceramic Resonators (Crystal)...............................................35
6.9.3
External RC Oscillator Mode.............................................................................37
6.9.4
Internal RC Oscillator Mode ..............................................................................38
6.10 Code Option Register...................................................................................... 39
6.10.1 Code Option Register (Word 0).........................................................................39
6.10.2 Customer ID Register (Word 2).........................................................................43
6.11 Power-on Considerations ................................................................................ 43
6.12 External Power-on Reset Circuit ..................................................................... 43
6.13 Residue-Voltage Protection ............................................................................. 44
6.14 Instruction Set ................................................................................................. 45
7
Timing Diagrams ..................................................................................................... 48
8
Absolute Maximum Ratings ................................................................................... 49
9
DC Electrical Characteristic ................................................................................... 49
10
AC Electrical Characteristic ................................................................................... 52
APPENDIX
A
Package Type........................................................................................................... 53
B
ICE 652N Output Pin Assignment (JP 3) ............................................................... 54
C
EM78F651N Program Pin: ...................................................................................... 54
Specification Revision History
Doc. Version
Revision Description
Date
1.0
Initial version
2006/09/20
1.1
1. Modified the General Description, Pin Assignment and
Features sections.
2. Added Green Product Information.
3. Modified the Functional Block Diagram.
2006/10/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com