Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAMS/NAMJ Datasheet(PDF) 40 Page - ELAN Microelectronics Corp

Part # EM78F651NAMS/NAMJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAMS/NAMJ Datasheet(HTML) 40 Page - ELAN Microelectronics Corp

Back Button EM78F651NAMS/NAMJ Datasheet HTML 36Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 37Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 38Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 39Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 40Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 41Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 42Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 43Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 44Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
EM78F651N
8-Bit Microcontroller
36
•
Product Specification (V1.1) 10.20.2006
(This specification is subject to change without further notice)
In most applications, pin OSCI and pin OSCO can be connected with a crystal or
ceramic resonator to generate oscillation. Fig 6-11 depicts such circuit. The same
thing applies whether it is in the HXT mode or in the LXT mode. Table 13 provides
the recommended values of C1 and C2. Since each resonator has its own attribute,
user should refer to its specification for appropriate values of C1 and C2. RS, a serial
resistor, may be necessary for AT strip cut crystal or low frequency mode.
OSCI
OSCO
EM78F651N
C1
C2
XTAL
RS
Fig. 6-11 Circuit for Crystal/Resonator
Table 13 Capacitor Selection Guide for Crystal Oscillator or Ceramic Resonator
Oscillator Type
Frequency Mode
Frequency
C1 (pF)
C2 (pF)
455kHz
100~150
100~150
2.0 MHz
20~40
20~40
Ceramic Resonators
HXT
4.0 MHz
10~30
10~30
32.768kHz
25
15
100kHz
25
25
LXT
200kHz
25
25
455kHz
20~40
20~150
1.0MHz
15~30
15~30
2.0MHz
15
15
Crystal Oscillator
HXT
4.0MHz
15
15
OSCI
EM78F651N
C
7404
330
330
Crystal
7404
7404
Fig. 6-12 Circuit for Crystal/Resonator-Series Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com