Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAMS/NAMJ Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

Part # EM78F651NAMS/NAMJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAMS/NAMJ Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  EM78F651NAMS/NAMJ Datasheet HTML 1Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 2Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 3Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 4Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 5Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 6Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 7Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 8Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
EM78F651N
8-Bit Microcontroller
Product Specification (V1.1) 10.20.2006
• 1
(This specification is subject to change without further notice)
1
General Description
The EM78F651N is an 8-bit microprocessor designed and developed with low-power, high-speed CMOS technology
and high noise immunity. It has an on-chip 1K
×13-bit Electrical Flash Memory and 128×8-bit in system programmable
EEPROM. It provides three protection bits to prevent intrusion of user’s Flash memory code. Twelve Code option bits
are also available to meet user’s requirements.
With its enhanced Flash-ROM feature, the EM78F651N provides a convenient way of developing and verifying user’s
programs.
Moreover, this Flash-ROM device offers the advantages of easy and effective program updates, using
development and programming tools. User can avail of the ELAN Writer to easily program his development code.
2
Features
CPU configuration
• 1K×13 bits on chip ROM
• 80×8 bits on chip registers (SRAM)
• 128 bytes in-system programmable EEPROM
*Endurance: 100,000 write/erase cycles
• More than 10 years data retention
• 5-level stacks for subroutine nesting
• Less than 2 mA at 5V/4MHz
• Typically 20 µA, at 3V/32kHz
• Typically 2 µA, during sleep mode
I/O port configuration
• 2 bidirectional I/O ports
• Wake-up port : P6
• 8 Programmable pull-down I/O pins
• 8 programmable pull-high I/O pins
• 8 programmable open-drain I/O pins
• External interrupt : P60
Operating voltage range:
• Operating voltage: 2.2V~5.5V at -40°C ~85°C
(Industrial)
Operating frequency range (base on two clocks):
• Crystal mode:
DC ~ 20MHz @ 5V
DC ~ 8MHz @ 3V
DC ~ 4MHz @ 2.2V
• ERC mode:
DC ~ 16MHz @ 5V
DC ~ 8MHz @ 3V
DC ~ 4MHz @ 2.2V
• IRC mode:
DC ~ 16MHz @ 4.5V~5.5V
DC ~ 4MHz @ 2.2V~5.5V
Three available interrupts:
• TCC overflow interrupt
• Input-port status changed interrupt (wake-up from
sleep mode)
• External interrupt
Peripheral configuration
• 8-bit real time clock/counter (TCC) with selective signal
sources, trigger edges, and overflow interrupt
• Power down (Sleep) mode
*Vdd power monitor and supports low voltage detector
interrupt flag
• 4 programmable Level Voltage Detector (LVD)
• Three security registers to prevent intrusion of Flash
memory codes
• One configuration register to accommodate user’s
requirements
• 2/4/8/16 clocks per instruction cycle selected by code
option
Single instruction cycle commands
Four Crystal range in Oscillator Mode
Crystal Range
Oscillator Mode
20MHz ~ 6MHz
HXT
6MHz ~ 1MHz
XT
1MHz ~ 100kHz
LXT1
32.768kHz
LXT2
Programmable free running watchdog timer
Package type:
• 14-pin DIP 300mil
:
EM78F651NAPxS/xJ
• 14-pin SOP 150mil
:
EM78F651NAMxS/xJ
• 16-pin DIP 300mil
:
EM78F651NABPxS/xJ
• 16-pin SOP 300mil
:
EM78F651NABMxS/xJ
• 18-pin DIP 300 mil
:
EM78F651NCPxS/xJ
• 18-pin SOP 300mil
:
EM78F651NCMxS/xJ
• 20-pin DIP 300mil
:
EM78F651NDPxS/xJ
• 20-pin SSOP 209mil
:
EM78F651NDKMxS/XJ
Green products do not contain hazardous substances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com