Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAMS/NAMJ Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # EM78F651NAMS/NAMJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAMS/NAMJ Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EM78F651NAMS/NAMJ Datasheet HTML 12Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 13Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 14Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 15Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 16Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 17Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 18Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 19Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
EM78F651N
8-Bit Microcontroller
12
•
Product Specification (V1.1) 10.20.2006
(This specification is subject to change without further notice)
6.1.13 RF (Interrupt Status Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LVDIF
-
-
-
-
EXIF
ICIF
TCIF
Note: “ 1 ” means with interrupt request
“ 0 ” means no interrupt occurs
Bit 7 (LVDIF): Low voltage Detector interrupt flag
When LVD1, LVD0 = “0, 0”, Vdd > 2.3V, LVDIF is “0”, Vdd
≤ 2.3V, set
LVDIF to “1”. LVDIF reset to “0” by software.
When LVD1, LVD0 = “0, 1”, Vdd > 3.3V, LVDIF is “0”, Vdd
≤ 3.3V, set
LVDIF to “1”. LVDIF reset to “0” by software.
When LVD1, LVD0 = “1, 0”, Vdd > 4.0V, LVDIF is “0”, Vdd
≤ 4.0V, set
LVDIF to “1”. LVDIF reset to “0” by software.
When LVD1, LVD0 = “1, 1”, Vdd > 4.5V, LVDIF is “0”, Vdd
≤ 4.5V, set
LVDIF to “1”. LVDIF reset to “0” by software.
Bits 6 ~ 3
Not used. Set all to”0”.
Bit 2 (EXIF) External interrupt flag. Set by a falling edge on /INT pin, reset by software.
Bit 1 (ICIF) Port 6 input status change interrupt flag. Set when Port 6 input changes,
reset by software.
Bit 0 (TCIF) TCC overflow interrupt flag. Set when TCC overflows, reset by software.
RF can be cleared by instruction but cannot be set.
IOCF is the interrupt mask register.
Note that the result of reading RF is the "logic AND" of RF and IOCF.
6.1.14 R10 ~ R3F
All of these are 8-bit general-purpose registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com