Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAMS/NAMJ Datasheet(PDF) 34 Page - ELAN Microelectronics Corp

Part # EM78F651NAMS/NAMJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAMS/NAMJ Datasheet(HTML) 34 Page - ELAN Microelectronics Corp

Back Button EM78F651NAMS/NAMJ Datasheet HTML 30Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 31Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 32Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 33Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 34Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 35Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 36Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 37Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 38Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
EM78F651N
8-Bit Microcontroller
30
•
Product Specification (V1.1) 10.20.2006
(This specification is subject to change without further notice)
INT
ENI/DISI
IOD
RFWR
IOCFRD
IOCFWR
IRQn
IRQm
RFRD
IOCF
/RESET
/IRQn
VCC
RF
CLK
CLK
Q
Q
D
P
R
L
C
_
P
R
L
C
Q
Q
_
D
Fig. 6-7 Interrupt Input Circuit
Interrupt
Sources
Interrupt
occurs
ENI/DISI
STACKACC
STACKR3
RETI
ACC
R3
R4
STACKR4
Fig. 6-8 Interrupt Back-up Diagram
Table 10 Interrupt Vector
Interrupt Vector
Interrupt Status
Priority
003H
External interrupt
1
006H
Port 6 pin change
2
009H
TCC overflow interrupt
3
00CH
LVD interrupt
4
Note: Priority is in descending order, i.e. 1 is the highest priority, 4 is the lowest
priority
6.7 LVD (Low Voltage Detector)
During power source unstable situations, such as external power noise interference
or EMS test condition, it will cause the power to vibrate fiercely. At the time Vdd is
unsettled, it is probably below the working voltage. When the system supply voltage,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com