Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAMS/NAMJ Datasheet(PDF) 31 Page - ELAN Microelectronics Corp

Part # EM78F651NAMS/NAMJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAMS/NAMJ Datasheet(HTML) 31 Page - ELAN Microelectronics Corp

Back Button EM78F651NAMS/NAMJ Datasheet HTML 27Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 28Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 29Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 30Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 31Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 32Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 33Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 34Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 35Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
EM78F651N
8-Bit Microcontroller
Product Specification (V1.1) 10.20.2006
• 27
(This specification is subject to change without further notice)
Address
Name
Reset Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
OD7
OD6
OD5
OD4
OD3
OD2
OD1
OD0
Power-on
0
0
0
0
0
0
0
0
/RESET and WDT
0
0
0
0
0
0
0
0
0x0C
IOCC
Wake-up from Pin
Change
P
P
P
P
P
P
P
P
Bit Name
/PH7
/PH6
/PH5
/PH4
/PH3
/PH2
/PH1
/PH0
Power-on
1
1
1
1
1
1
1
1
/RESET and WDT
1
1
1
1
1
1
1
1
0x0D
IOCD
Wake-up from Pin
Change
P
P
P
P
P
P
P
P
Bit Name
WDTE
EIS
×
×
PSWE PSW2 PSW1 PSW0
Power-on
1
0
U
0
1
1
1
1
/RESET and WDT
1
0
U
0
1
1
1
1
0x0E
IOCE
Wake-up from Pin
Change
1
P
U
P
P
P
P
P
Bit Name
×
×
×
×
×
EXIE
ICIE
TCIE
Power-on
0
0
0
0
0
0
0
0
/RESET and WDT
0
0
0
0
0
0
0
0
0x0F
IOCF
Wake-up from Pin
Change
U
U
U
U
U
P
P
P
Bit Name
-
-
-
-
-
-
-
-
Power-on
U
U
U
U
U
U
U
U
/RESET and WDT
P
P
P
P
P
P
P
P
0x10~0x2F
R10~R2F
Wake-up from Pin
Change
P
P
P
P
P
P
P
P
Legend: “
×” = not used
“P” = previous value before reset
“u” = unknown or don’t care
“t” = check Table 8
* To jump Address 0x08, or to execute the instruction next to the “SLEP” instruction.
6.5.2 Status of RST, T, and P of the Status Register
A reset condition is initiated by the following events:
1. Power-on condition
2. High-low-high pulse on /RESET pin
3. Watchdog timer time-out
The values of T and P, listed in Table 8 are used to check how the processor wakes
up. Table 9 shows the events that may affect the status of T and P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com