Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAMS/NAMJ Datasheet(PDF) 22 Page - ELAN Microelectronics Corp

Part # EM78F651NAMS/NAMJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAMS/NAMJ Datasheet(HTML) 22 Page - ELAN Microelectronics Corp

Back Button EM78F651NAMS/NAMJ Datasheet HTML 18Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 19Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 20Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 21Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 22Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 23Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 24Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 25Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 26Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
EM78F651N
8-Bit Microcontroller
18
•
Product Specification (V1.1) 10.20.2006
(This specification is subject to change without further notice)
( IOCC1)
PSW0~PSW2
PST2~PST
0
Fig. 6-3 Block Diagram of TCC and WDT
Table 5 Internal RC Drift Rate (Ta=25
°C, VDD=2.3V~5.5 V, VSS=0V)
Drift Rate
Internal RC
Temperature
(-40
°C~85°C)
Voltage
Process
Total
16.5 ms
± 3%
5V
± 5%
±8%
18 ms
± 3%
3V
± 5%
± 8%
6.4 I/O Ports
The I/O registers, Port 5, Port 6 and Port 7, are bidirectional tri-state I/O ports. Port 6
can be pulled high internally by software. In addition, Port 6 can also have open-
drain output by software. Input status change interrupt (or wake-up) function on Port 6
P50 ~ P53 and P60 ~ P63 pins can be pulled down by software. Each I/O pin can be
defined as "input" or "output" pin by the I/O control register (IOC5 ~ IOC7). When Port
7.0 is set as output, the internal circuit becomes open-drain, so it must be tied to pull-
high to work normally.
The I/O registers and I/O control registers are both readable and writable. The I/O
interface circuits for Port 5, Port 6 and Port 7 are shown in the following Figures 6-4,
6-5 (a), 6-5 (b), and Figure 6-6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com